| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS37209 Fiches technique(PDF) 72 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37209 Fiches technique(HTML) 72 Page - OSRAM GmbH |
|
72 / 88 page ![]() Datasheet, Public Page 71 [v5-00] 2023-Nov-27 Document Feedback TCS3720 − Register Overview ALS data are stored in FIFO and read out from the register FIFO_ ADATA_7 to FIFO_ADATA_0. The data definition is based on the configurations of TWO_CHANN_MODE and DOUBLE_DATA_ MODE as described in the following table. Depending on the configurations, reading undefined registers returns zeros. The data values will stay in registers until the FIFO_ADATA0 (0xFF) is read. Whenever the FIFO_ADATA0 (0xFF) is read, the next set of data is updated into all the ADATA registers. For the I²C block read, when the address hits 0xFF, it wraps back according to the configurations described in the Figure 107. Figure 107: FIFO ADATA Read Configuration Register Name TWO_CHAN_ MODE=0 DOUBLE_DATA_ MODE=0 TWO_CHAN_ MODE=0 DOUBLE_ DATA_ MODE=1 TWO_CHAN_ MODE=1 DOUBLE_DATA_ MODE=0 TWO_CHAN_ MODE=1 DOUBLE_DATA_ MODE=1 FIFO_ADATA_7 BLUE data low byte undefined undefined undefined FIFO_ADATA_6 BLUE data high byte undefined undefined undefined FIFO_ADATA_5 GREEN data low byte undefined undefined undefined FIFO_ADATA_4 GREEN data high byte undefined undefined undefined FIFO_ADATA_3 RED data low byte BLUE data (8-bit) CH1 (R+B) data low byte undefined FIFO_ADATA_2 RED data high byte GREEN data (8-bit) CH1 (R+B) data high byte undefined FIFO_ADATA_1 CLEAR data low byte RED data (8-bit) CH0 (C+G) data low byte CH1 (R+B) data (8-bit) FIFO_ADATA_0 CLEAR data high byte CLEAR data (8-bit) CH0 (C+G) data high byte CH0 (C+G) data (8-bit) |