Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS37209 Fiches technique(PDF) 77 Page - OSRAM GmbH

No de pièce TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Fiches technique(HTML) 77 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 73Page - OSRAM GmbH TCS37209 Datasheet HTML 74Page - OSRAM GmbH TCS37209 Datasheet HTML 75Page - OSRAM GmbH TCS37209 Datasheet HTML 76Page - OSRAM GmbH TCS37209 Datasheet HTML 77Page - OSRAM GmbH TCS37209 Datasheet HTML 78Page - OSRAM GmbH TCS37209 Datasheet HTML 79Page - OSRAM GmbH TCS37209 Datasheet HTML 80Page - OSRAM GmbH TCS37209 Datasheet HTML 81Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
Page 76
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Tape & Reel Information
Figure 112:
TCS3720 Tape & Reel Information
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ±0.10mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001
4. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481-B.
5. In accordance with EIA standard device pin 1 is located next to the sprocket holes in the tape.
6. This drawing is subject to change without notice.
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88