| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3701 Fiches technique(PDF) 3 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3701 Fiches technique(HTML) 3 Page - OSRAM GmbH |
|
3 / 67 page ![]() Page 2 Datasheet, Public Document Feedback [v2-00] 2022-Dec-15 TCS3701 − General Description Key Benefits & Features The benefits and features of TCS3701 are listed below: Figure 1: Added Value of Using TCS3701 Applications TCS3701 integrates multiple applications within one device. The applications for TCS3701 include: • Brightness management for displays • Color management for displays • Proximity detection • Touch screen disable Benefits Features • Invisible ALS and color sensing under any glass type • Configurable, high sensitivity • Programmable gain and integration time • 1024x dynamic range by gain adjustment only • 1mlux minimum detectable illuminance (100ms) • Tailored ALS and color response • UV/IR blocking filter for RGBC channels • Wideband reference channel without filters • ALS/color interrupt with thresholds • Invisible proximity detection behind OLED displays • Capable to drive external IR emitter LED or VCSEL • Crosstalk and threshold calibration on chip • Programmable timings and sensitivity • Calibrated LED output power • Low power consumption and minimum I²C traffic • 1.8VDD operation • Configurable sleep mode • Interrupt-driven device • On-chip self-calibration of ALS and proximity functions • Integrated status checking for all functions • Digital and analog ALS saturation flags • Proximity saturation flag |