| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3701 Fiches technique(PDF) 27 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3701 Fiches technique(HTML) 27 Page - OSRAM GmbH |
|
27 / 67 page ![]() Page 26 Datasheet, Public Document Feedback [v2-00] 2022-Dec-15 TCS3701 − Register O ver view ALS level detection uses data generated by the ADC Channel X. The channel can be selected via ALS_TH_CHANNEL (see CFG12).The ALS Interrupt Threshold registers provide 16-bit values to be used as the high and low thresholds for comparison to the 16-bit ADATAX values. If AIEN is enabled and ADATAX is not between AILT and AIHT for the number of consecutive samples specified in APERS an interrupt is asserted on the interrupt pin. These registers are read/write. Figure 29: ALS Interrupt Thresholds Note(s): 1. Return to the Register Map (0x84, 0x85, 0x86, 0x87). Bits Addr Field Description 7:0 0x84 AILT ALS Interrupt Low Threshold. 15:8 0x85 7:0 0x86 AIHT ALS Interrupt High Threshold. 15:8 0x87 |