Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3701 Fiches technique(PDF) 57 Page - OSRAM GmbH

No de pièce TCS3701
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3701 Fiches technique(HTML) 57 Page - OSRAM GmbH

Back Button TCS3701 Datasheet HTML 53Page - OSRAM GmbH TCS3701 Datasheet HTML 54Page - OSRAM GmbH TCS3701 Datasheet HTML 55Page - OSRAM GmbH TCS3701 Datasheet HTML 56Page - OSRAM GmbH TCS3701 Datasheet HTML 57Page - OSRAM GmbH TCS3701 Datasheet HTML 58Page - OSRAM GmbH TCS3701 Datasheet HTML 59Page - OSRAM GmbH TCS3701 Datasheet HTML 60Page - OSRAM GmbH TCS3701 Datasheet HTML 61Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Page 56
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − PCB Pad Layout
Suggested PCB pad layout guidelines for the surface mount
module are shown. Flash Gold is recommended as a surface
finish for the landing pads.
Figure 68:
Recommended PCB Pad Layout
Note(s):
1. All linear dimensions are in micrometers.
2. Dimension tolerances are ±0.05mm unless otherwise noted.
3. This drawing is subject to change without notice.
PCB Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67