Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34725 Fiches technique(PDF) 28 Page - OSRAM GmbH

No de pièce TCS34725
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725 Fiches technique(HTML) 28 Page - OSRAM GmbH

Back Button TCS34725 Datasheet HTML 24Page - OSRAM GmbH TCS34725 Datasheet HTML 25Page - OSRAM GmbH TCS34725 Datasheet HTML 26Page - OSRAM GmbH TCS34725 Datasheet HTML 27Page - OSRAM GmbH TCS34725 Datasheet HTML 28Page - OSRAM GmbH TCS34725 Datasheet HTML 29Page - OSRAM GmbH TCS34725 Datasheet HTML 30Page - OSRAM GmbH TCS34725 Datasheet HTML 31Page - OSRAM GmbH TCS34725 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
ams Datasheet
Page 27
[v1-04] 2020-Apr-10
Document Feedback
TCS3472 − Register Description
ID Register (0x12)
The ID Register provides the value for the part number. The ID
register is a read-only register.
Figure 33:
ID Register
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 34:
Status Register
7
6
543
2
1
0
ID
Field
Bits
Description
ID
7:0
Part number identification
0x44 = TCS34725
0x4D = TCS34727
7
654
3
2
1
0
Reserved
AINT
Reserved
AVALID
Field
Bits
Description
Reserved
7:5
Reserved.
AINT
4
RGBC clear channel Interrupt.
Reserved
3:1
Reserved.
AVALID
0
RGBC Valid. Indicates that the RGBC channels have completed an integration cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41