Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34725 Fiches technique(PDF) 27 Page - OSRAM GmbH

No de pièce TCS34725
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725 Fiches technique(HTML) 27 Page - OSRAM GmbH

Back Button TCS34725 Datasheet HTML 23Page - OSRAM GmbH TCS34725 Datasheet HTML 24Page - OSRAM GmbH TCS34725 Datasheet HTML 25Page - OSRAM GmbH TCS34725 Datasheet HTML 26Page - OSRAM GmbH TCS34725 Datasheet HTML 27Page - OSRAM GmbH TCS34725 Datasheet HTML 28Page - OSRAM GmbH TCS34725 Datasheet HTML 29Page - OSRAM GmbH TCS34725 Datasheet HTML 30Page - OSRAM GmbH TCS34725 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Register Description
Control Register (0x0F)
The Control register provides eight bits of miscellaneous
control to the analog block. These bits typically control
functions such as gain settings and/or diode selection.
Figure 32:
Control Register
7
6
5
4
321
0
Reserved
AGAIN
Fields
Bits
Description
Reserved
7:2
Reserved. Write as 0.
AGAIN
1:0
RGBC Gain Control.
FIELD VALUE
RGBC GAIN VALUE
00
1x gain
01
4x gain
10
16x gain
11
60x gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41