| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS34725 Fiches technique(PDF) 17 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34725 Fiches technique(HTML) 17 Page - OSRAM GmbH |
|
17 / 41 page ![]() Page 16 ams Datasheet Document Feedback [v1-04] 2020-Apr-10 TCS3472 − Principles of Operation To further control when an interrupt occurs, the device provides a persistence filter. The persistence filter allows the user to specify the number of consecutive out-of-range Clear occurrences before an interrupt is generated. The persistence filter register (0x0C) allows the user to set the Clear persistence filter (APERS) value. See the persistence filter register for details on the persistence filter value. Once the persistence filter generates an interrupt, it will continue until a special function interrupt clear command is received (see command register). Figure 19: Programmable Interrupt |