Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3472 Fiches technique(PDF) 32 Page - OSRAM GmbH

No de pièce TCS3472
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3472 Fiches technique(HTML) 32 Page - OSRAM GmbH

Back Button TCS3472 Datasheet HTML 28Page - OSRAM GmbH TCS3472 Datasheet HTML 29Page - OSRAM GmbH TCS3472 Datasheet HTML 30Page - OSRAM GmbH TCS3472 Datasheet HTML 31Page - OSRAM GmbH TCS3472 Datasheet HTML 32Page - OSRAM GmbH TCS3472 Datasheet HTML 33Page - OSRAM GmbH TCS3472 Datasheet HTML 34Page - OSRAM GmbH TCS3472 Datasheet HTML 35Page - OSRAM GmbH TCS3472 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
ams Datasheet
Page 31
[v1-04] 2020-Apr-10
Document Feedback
TCS3472 − Mechanical Data
Figure 38:
Carrier Tape and Reel Information
Notes:
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing A0, B0, and K0 are defined in ANSI EIA Standard 481-B 2001.
4. Each reel is 178 millimeters in diameter and contains 3500 parts.
5. ams packaging tape and reel conform to the requirements of EIA Standard 481-B.
6. In accordance with EIA standard, device pin 1 is located next to sprocket holes in the tape.
7. This drawing is subject to change without notice.
Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41