Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3472 Fiches technique(PDF) 6 Page - OSRAM GmbH

No de pièce TCS3472
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3472 Fiches technique(HTML) 6 Page - OSRAM GmbH

Back Button TCS3472 Datasheet HTML 2Page - OSRAM GmbH TCS3472 Datasheet HTML 3Page - OSRAM GmbH TCS3472 Datasheet HTML 4Page - OSRAM GmbH TCS3472 Datasheet HTML 5Page - OSRAM GmbH TCS3472 Datasheet HTML 6Page - OSRAM GmbH TCS3472 Datasheet HTML 7Page - OSRAM GmbH TCS3472 Datasheet HTML 8Page - OSRAM GmbH TCS3472 Datasheet HTML 9Page - OSRAM GmbH TCS3472 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ams Datasheet
Page 5
[v1-04] 2020-Apr-10
Document Feedback
TCS3472 − Pin Assignment
The TCS3472 pin assignment is described below.
Figure 3:
Pin Diagram
Figure 4:
Pin Description
Package FN Dual Flat No-Lead (Top
View): Package drawing is not to scale.
Pin Number
Pin Name
Pin Type
Description
1
VDD
Supply voltage
2
SCL
Input
I²C serial clock input terminal – clock signal for I²C serial data
3
GND
Power supply ground. All voltages are referenced to GND
4
NC
Output
No connect - do not connect
5
INT
Output
Interrupt - open drain (active low).
6
SDA
Input/Output
I²C serial data I/O terminal - serial data I/O for I²C.
Pin Assignment
VDD 1
SCL
2
GND
3
6 SDA
5 INT
4
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41