Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3472 Fiches technique(PDF) 31 Page - OSRAM GmbH

No de pièce TCS3472
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3472 Fiches technique(HTML) 31 Page - OSRAM GmbH

Back Button TCS3472 Datasheet HTML 27Page - OSRAM GmbH TCS3472 Datasheet HTML 28Page - OSRAM GmbH TCS3472 Datasheet HTML 29Page - OSRAM GmbH TCS3472 Datasheet HTML 30Page - OSRAM GmbH TCS3472 Datasheet HTML 31Page - OSRAM GmbH TCS3472 Datasheet HTML 32Page - OSRAM GmbH TCS3472 Datasheet HTML 33Page - OSRAM GmbH TCS3472 Datasheet HTML 34Page - OSRAM GmbH TCS3472 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Pack age Drawings & Mark ings
Figure 37:
Package FN – Dual Flat No-Lead Packaging Configuration
Notes:
1. All linear dimensions are in micrometers. Dimension tolerance is ±20 μm unless otherwise noted.
2. The die is centered within the package within a tolerance of ± 3 mils.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41