| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS34711FN Fiches technique(PDF) 29 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34711FN Fiches technique(HTML) 29 Page - OSRAM GmbH |
|
29 / 39 page ![]() Page 28 ams Datasheet Document Feedback [v1-01] 2018-Mar-27 TCS3471 − Application Information: Hardware PCB Pad Layouts Suggested PCB pad layout guidelines for the Dual Flat No-Lead (FN) surface mount package are shown in Figure 35. Note(s): Pads can be extended further if hand soldering is needed. Figure 35: Suggested FN Package PCB Layout Note(s): 1. All linear dimensions are in micrometers. 2. This drawing is subject to change without notice. 400 2500 400 1000 1700 650 1000 650 |