| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS34711FN Fiches technique(PDF) 26 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34711FN Fiches technique(HTML) 26 Page - OSRAM GmbH |
|
26 / 39 page ![]() ams Datasheet Page 25 [v1-01] 2018-Mar-27 Document Feedback TCS3471 − Register Description ID Register (0x12) The ID Register provides the value for the part number. The ID register is a read-only register. Figure 31: ID Register Status Register (0x13) The Status Register provides the internal status of the device. This register is read only. Figure 32: Status Register 76 5 4 3 2 1 0 ID Field Bit Description ID 7:0 Part number identification 0x14 = TCS34711 & TCS34715 0x1D = TCS34713 & TCS34717 76 5 4 3 2 1 0 Reserved AINT Reserved AVALID Field Bit Description Reserved 7:5 Reserved. AINT 4 RGBC clear channel Interrupt. Reserved 3:1 Reserved. AVALID 0 RGBC Valid. Indicates that the RGBC channels have completed an integration cycle. |