Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34711FN Fiches technique(PDF) 23 Page - OSRAM GmbH

No de pièce TCS34711FN
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34711FN Fiches technique(HTML) 23 Page - OSRAM GmbH

Back Button TCS34711FN Datasheet HTML 19Page - OSRAM GmbH TCS34711FN Datasheet HTML 20Page - OSRAM GmbH TCS34711FN Datasheet HTML 21Page - OSRAM GmbH TCS34711FN Datasheet HTML 22Page - OSRAM GmbH TCS34711FN Datasheet HTML 23Page - OSRAM GmbH TCS34711FN Datasheet HTML 24Page - OSRAM GmbH TCS34711FN Datasheet HTML 25Page - OSRAM GmbH TCS34711FN Datasheet HTML 26Page - OSRAM GmbH TCS34711FN Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TCS3471 − Register Description
RGBC Interrupt Threshold Registers
(0x04 - 0x07)
The RGBC interrupt threshold registers provides the values to
be used as the high and low trigger points for the comparison
function for interrupt generation. If the value generated by the
clear channel crosses below the lower threshold specified, or
above the higher threshold, an interrupt is asserted on the
interrupt pin.
Figure 27:
RGBC Interrupt Threshold Register
Register
Address
Bits
Description
AILTL
0x04
7:0
RGBC clear channel low threshold lower byte
AILTH
0x05
7:0
RGBC clear channel low threshold upper byte
AIHTL
0x06
7:0
RGBC clear channel high threshold lower byte
AIHTH
0x07
7:0
RGBC clear channel high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39