Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3471 Fiches technique(PDF) 29 Page - OSRAM GmbH

No de pièce TCS3471
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3471 Fiches technique(HTML) 29 Page - OSRAM GmbH

Back Button TCS3471 Datasheet HTML 25Page - OSRAM GmbH TCS3471 Datasheet HTML 26Page - OSRAM GmbH TCS3471 Datasheet HTML 27Page - OSRAM GmbH TCS3471 Datasheet HTML 28Page - OSRAM GmbH TCS3471 Datasheet HTML 29Page - OSRAM GmbH TCS3471 Datasheet HTML 30Page - OSRAM GmbH TCS3471 Datasheet HTML 31Page - OSRAM GmbH TCS3471 Datasheet HTML 32Page - OSRAM GmbH TCS3471 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TCS3471 − Application Information: Hardware
PCB Pad Layouts
Suggested PCB pad layout guidelines for the Dual Flat No-Lead
(FN) surface mount package are shown in Figure 35.
Note(s): Pads can be extended further if hand soldering is
needed.
Figure 35:
Suggested FN Package PCB Layout
Note(s):
1. All linear dimensions are in micrometers.
2. This drawing is subject to change without notice.
400
2500
400
1000
1700
650
1000
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39