| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3471 Fiches technique(PDF) 23 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3471 Fiches technique(HTML) 23 Page - OSRAM GmbH |
|
23 / 39 page ![]() Page 22 ams Datasheet Document Feedback [v1-01] 2018-Mar-27 TCS3471 − Register Description RGBC Interrupt Threshold Registers (0x04 - 0x07) The RGBC interrupt threshold registers provides the values to be used as the high and low trigger points for the comparison function for interrupt generation. If the value generated by the clear channel crosses below the lower threshold specified, or above the higher threshold, an interrupt is asserted on the interrupt pin. Figure 27: RGBC Interrupt Threshold Register Register Address Bits Description AILTL 0x04 7:0 RGBC clear channel low threshold lower byte AILTH 0x05 7:0 RGBC clear channel low threshold upper byte AIHTL 0x06 7:0 RGBC clear channel high threshold lower byte AIHTH 0x07 7:0 RGBC clear channel high threshold upper byte |