Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3471 Fiches technique(PDF) 26 Page - OSRAM GmbH

No de pièce TCS3471
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3471 Fiches technique(HTML) 26 Page - OSRAM GmbH

Back Button TCS3471 Datasheet HTML 22Page - OSRAM GmbH TCS3471 Datasheet HTML 23Page - OSRAM GmbH TCS3471 Datasheet HTML 24Page - OSRAM GmbH TCS3471 Datasheet HTML 25Page - OSRAM GmbH TCS3471 Datasheet HTML 26Page - OSRAM GmbH TCS3471 Datasheet HTML 27Page - OSRAM GmbH TCS3471 Datasheet HTML 28Page - OSRAM GmbH TCS3471 Datasheet HTML 29Page - OSRAM GmbH TCS3471 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ams Datasheet
Page 25
[v1-01] 2018-Mar-27
Document Feedback
TCS3471 − Register Description
ID Register (0x12)
The ID Register provides the value for the part number. The ID
register is a read-only register.
Figure 31:
ID Register
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 32:
Status Register
76
5
4
3
2
1
0
ID
Field
Bit
Description
ID
7:0
Part number identification
0x14 = TCS34711 & TCS34715
0x1D = TCS34713 & TCS34717
76
5
4
3
2
1
0
Reserved
AINT
Reserved
AVALID
Field
Bit
Description
Reserved
7:5
Reserved.
AINT
4
RGBC clear channel Interrupt.
Reserved
3:1
Reserved.
AVALID
0
RGBC Valid. Indicates that the RGBC channels have
completed an integration cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39