Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34007FN Fiches technique(PDF) 27 Page - OSRAM GmbH

No de pièce TCS34007FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34007FN Fiches technique(HTML) 27 Page - OSRAM GmbH

Back Button TCS34007FN Datasheet HTML 23Page - OSRAM GmbH TCS34007FN Datasheet HTML 24Page - OSRAM GmbH TCS34007FN Datasheet HTML 25Page - OSRAM GmbH TCS34007FN Datasheet HTML 26Page - OSRAM GmbH TCS34007FN Datasheet HTML 27Page - OSRAM GmbH TCS34007FN Datasheet HTML 28Page - OSRAM GmbH TCS34007FN Datasheet HTML 29Page - OSRAM GmbH TCS34007FN Datasheet HTML 30Page - OSRAM GmbH TCS34007FN Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Page 26
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − Pack age Mechanical Data
Figure 37:
Carrier Tape & Reel Information
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is 330 millimeters in diameter.
5. Packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
8. The device pin 1 is located in the upper left corner inside the T&R pockets.
Package Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35