Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34007FN Fiches technique(PDF) 20 Page - OSRAM GmbH

No de pièce TCS34007FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34007FN Fiches technique(HTML) 20 Page - OSRAM GmbH

Back Button TCS34007FN Datasheet HTML 16Page - OSRAM GmbH TCS34007FN Datasheet HTML 17Page - OSRAM GmbH TCS34007FN Datasheet HTML 18Page - OSRAM GmbH TCS34007FN Datasheet HTML 19Page - OSRAM GmbH TCS34007FN Datasheet HTML 20Page - OSRAM GmbH TCS34007FN Datasheet HTML 21Page - OSRAM GmbH TCS34007FN Datasheet HTML 22Page - OSRAM GmbH TCS34007FN Datasheet HTML 23Page - OSRAM GmbH TCS34007FN Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Datasheet, Public
Page 19
[v2-00] 2023-Feb-09
Document Feedback
TCS3400 − Register Description
Auxiliary Register (AUX 0x90)
The AUX register enables the ALS saturation detection
interrupt. If ASIEN = 1 and an interrupt occurs it is cleared by
accessing the Clear Interrupt registers at 0xE6 or 0xE7.
Figure 27:
Auxiliary Register
Revision ID Register (REVID 0x91)
This read-only register identifies the die revision level.
Figure 28:
Revision ID Register
7
6
5
4
3
2
1
0
Reserved
ASIEN
Reserved
Field
Bits
Description
Reserved
7:6
Reserved. Write all as 0.
ASIEN
5
0 disables, 1 enables ALS Saturation Interrupt
Reserved
4:0
Reserved.
7
6
5
4
3
2
1
0
Reserved
RevID
Field
Bits
Description
Reserved
7:4
Reserved.
RevID
3:0
Wafer die revision level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35