| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS34007FN Fiches technique(PDF) 17 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34007FN Fiches technique(HTML) 17 Page - OSRAM GmbH |
|
17 / 35 page ![]() Page 16 Datasheet, Public Document Feedback [v2-00] 2023-Feb-09 TCS3400 − Register Description Clear Channel Interrupt Threshold Register (0x84 - 0x87) The Clear Channel Interrupt Threshold Registers provide 16 bit values to be used as the high and low thresholds for comparison to the 16 bit CDATA values. If AIEN (0x80:b4) is enabled and CDATA is not between AILT and AIHT for the number of consecutive samples specified in APERS (0x8C:b[3:0]) an interrupt is asserted on the interrupt pin. Figure 23: Clear Channel Interrupt Threshold Registers Register Address Bits Description AILTL 0x84 7:0 Clear Channel low threshold lower byte AILTH 0x85 7:0 Clear Channel low threshold upper byte AIHTL 0x86 7:0 Clear Channel high threshold lower byte AIHTH 0x87 7:0 Clear Channel high threshold upper byte |