Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34001FN Fiches technique(PDF) 25 Page - OSRAM GmbH

No de pièce TCS34001FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34001FN Fiches technique(HTML) 25 Page - OSRAM GmbH

Back Button TCS34001FN Datasheet HTML 21Page - OSRAM GmbH TCS34001FN Datasheet HTML 22Page - OSRAM GmbH TCS34001FN Datasheet HTML 23Page - OSRAM GmbH TCS34001FN Datasheet HTML 24Page - OSRAM GmbH TCS34001FN Datasheet HTML 25Page - OSRAM GmbH TCS34001FN Datasheet HTML 26Page - OSRAM GmbH TCS34001FN Datasheet HTML 27Page - OSRAM GmbH TCS34001FN Datasheet HTML 28Page - OSRAM GmbH TCS34001FN Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − PCB Pad Layout
Suggested PCB pad layout guidelines for the surface mount
module are shown. Flash Gold is recommended as a surface
finish for the landing pads.
Figure 35:
Suggested PCB Layout
Note(s):
1. All linear dimensions are in millimeters.
2. This drawing is subject to change without notice.
PCB Layout: Suggested land pattern
based on the IPC-7351B Generic
Requirements for Surface Mount Design
and Land Pattern Standard (2010) for the
small outline no-lead (SON) package.
PCB Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35