Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34001FN Fiches technique(PDF) 17 Page - OSRAM GmbH

No de pièce TCS34001FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34001FN Fiches technique(HTML) 17 Page - OSRAM GmbH

Back Button TCS34001FN Datasheet HTML 13Page - OSRAM GmbH TCS34001FN Datasheet HTML 14Page - OSRAM GmbH TCS34001FN Datasheet HTML 15Page - OSRAM GmbH TCS34001FN Datasheet HTML 16Page - OSRAM GmbH TCS34001FN Datasheet HTML 17Page - OSRAM GmbH TCS34001FN Datasheet HTML 18Page - OSRAM GmbH TCS34001FN Datasheet HTML 19Page - OSRAM GmbH TCS34001FN Datasheet HTML 20Page - OSRAM GmbH TCS34001FN Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Page 16
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − Register Description
Clear Channel Interrupt Threshold Register
(0x84 - 0x87)
The Clear Channel Interrupt Threshold Registers provide 16 bit
values to be used as the high and low thresholds for comparison
to the 16 bit CDATA values. If AIEN (0x80:b4) is enabled and
CDATA is not between AILT and AIHT for the number of
consecutive samples specified in APERS (0x8C:b[3:0]) an
interrupt is asserted on the interrupt pin.
Figure 23:
Clear Channel Interrupt Threshold Registers
Register
Address
Bits
Description
AILTL
0x84
7:0
Clear Channel low threshold lower byte
AILTH
0x85
7:0
Clear Channel low threshold upper byte
AIHTL
0x86
7:0
Clear Channel high threshold lower byte
AIHTH
0x87
7:0
Clear Channel high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35