Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34001FN Fiches technique(PDF) 2 Page - OSRAM GmbH

No de pièce TCS34001FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34001FN Fiches technique(HTML) 2 Page - OSRAM GmbH

  TCS34001FN Datasheet HTML 1Page - OSRAM GmbH TCS34001FN Datasheet HTML 2Page - OSRAM GmbH TCS34001FN Datasheet HTML 3Page - OSRAM GmbH TCS34001FN Datasheet HTML 4Page - OSRAM GmbH TCS34001FN Datasheet HTML 5Page - OSRAM GmbH TCS34001FN Datasheet HTML 6Page - OSRAM GmbH TCS34001FN Datasheet HTML 7Page - OSRAM GmbH TCS34001FN Datasheet HTML 8Page - OSRAM GmbH TCS34001FN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Feb-09
Document Feedback
TCS3400
Color Light-to-Digital Converter
The TCS3400 device provides color and IR (red, green, blue, clear
and IR) light sensing. The color sensing provides for improved
accuracy lux and color temperature measurements typically
used to adjust the backlight intensity and correct the display
color gamut. Additionally it can be used for light source type
detection as it reports the IR content of the light.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TCS3400, Color Light-to-Digital
Converter are listed below:
Figure 1:
Added Value of Using TCS3400
Applications
The TCS3400 applications include:
• Ambient light sensing
• Color temperature sensing
• Industrial process control
• Medical diagnostics
Benefits
Features
• Single Device Integrated Optical Solution
• RGBC and ALS Support
• Power Management Features
• Color Temperature and Ambient Light Sensing
• Programmable Gain & Integration Time
• 1000000:1 Dynamic Range
• Equal Response to 360 degree Incident Light
• Circular Segmented RGBC Photodiode
• Ideal for Operation Behind Dark Glass
• Very High Sensitivity
• Light Source Detection
• RGBC + IR sensor
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35