Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7421 Fiches technique(PDF) 45 Page - OSRAM GmbH

No de pièce AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Fiches technique(HTML) 45 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 41Page - OSRAM GmbH AS7421 Datasheet HTML 42Page - OSRAM GmbH AS7421 Datasheet HTML 43Page - OSRAM GmbH AS7421 Datasheet HTML 44Page - OSRAM GmbH AS7421 Datasheet HTML 45Page - OSRAM GmbH AS7421 Datasheet HTML 46Page - OSRAM GmbH AS7421 Datasheet HTML 47Page - OSRAM GmbH AS7421 Datasheet HTML 48Page - OSRAM GmbH AS7421 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 44
10.2.22
CHx_DATA Register (Address 0x80
– 0xFF)
In the registers CH0_DATA to CH63_DATA (0x80 to 0xFF) the spectral measurement results are
stored. The full scale value of each channel is 16-bit
– the low byte is stored in registers CHx_DATA_L
and the high byte is stored in CHx_DATA_H.
Before reading the data of the last spectral measurement register STATUS_7 (0x77) has to be read
first.
Figure 59:
CHx_DATA Register
Addr: 0x80 to 0xFF
CHx_DATA_L / CHx_DATA_H
Bit
Bit Name
Default
Access
Bit Description
15:8
CHx_DATA
0
RO
High byte of channel x spectral data.
7:0
CHx_DATA
0
RO
Low byte of channel x spectral data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53