Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7421 Fiches technique(PDF) 37 Page - OSRAM GmbH

No de pièce AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Fiches technique(HTML) 37 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 33Page - OSRAM GmbH AS7421 Datasheet HTML 34Page - OSRAM GmbH AS7421 Datasheet HTML 35Page - OSRAM GmbH AS7421 Datasheet HTML 36Page - OSRAM GmbH AS7421 Datasheet HTML 37Page - OSRAM GmbH AS7421 Datasheet HTML 38Page - OSRAM GmbH AS7421 Datasheet HTML 39Page - OSRAM GmbH AS7421 Datasheet HTML 40Page - OSRAM GmbH AS7421 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 36
10.2.7
CFG_MISC Register (Address 0x38)
Figure 37:
CFG_MISC Register
Addr: 0x38
CFG_MISC
Bit
Bit Name
Default
Access
Bit Description
2
LED_WAIT_OFF
0
RW
LED waiting time
1: Disable the LED waiting time between integration
cycle A to D.
1
WAIT_CYCLE_ON
0
RW
LTF waiting time
1: Enable the waiting time between integration cycle A
to D (programmable with LTF_WTIME).
0
SW_RST
0
SC
Software reset
1: Reset to default status as after power-on reset or
reset via pin RST.
10.2.8
CFG_LED_MULT Register (Address 0x39)
Figure 38:
CFG_LED_MULT Register
Addr: 0x39
CFG_LED_MULT
Bit
Bit Name
Default
Access
Bit Description
4:0
LED_MULT
0
RW
Defines which LED is turned ON per integration
cycle A to D.
0x1F: All LEDs ON per integration cycle.
Other: Reserved
Note: LED_OFFSET needs to be set first, after that
LED_MULT needs to be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53