Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7421 Fiches technique(PDF) 38 Page - OSRAM GmbH

No de pièce AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Fiches technique(HTML) 38 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 34Page - OSRAM GmbH AS7421 Datasheet HTML 35Page - OSRAM GmbH AS7421 Datasheet HTML 36Page - OSRAM GmbH AS7421 Datasheet HTML 37Page - OSRAM GmbH AS7421 Datasheet HTML 38Page - OSRAM GmbH AS7421 Datasheet HTML 39Page - OSRAM GmbH AS7421 Datasheet HTML 40Page - OSRAM GmbH AS7421 Datasheet HTML 41Page - OSRAM GmbH AS7421 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 37
10.2.9
LED_WAIT Register (Address 0x3D)
Figure 39:
LED_WAIT Register
Addr: 0x3D
LED_WAIT
Bit
Bit Name
Default
Access
Bit Description
7:0
LED_WAIT
0
RW
Wait time between switching on the LED and begin of
integration/modulation.
������������������������_������������������������ = (������������������_������������������������) × 1024 µ������
10.2.10
CFG_PINMAP Register (Address 0x3E)
Figure 40:
CFG_PINMAP Register
Addr: 0x3E
CFG_PINMAP
Bit
Bit Name
Default
Access
Bit Description
6:4
INT_PINMAP
0
RW
Select signal to output pin INTX.
0: INTX
1: LTF_READY
2: LTF_BUSY
3: LED_ON
Others: Reserved
3
INT_INVERT
0
RW
Invert output pin INTX
2:0
GPIO_PINMAP
0
RW
Select signal to output pin GPIO.
0: GPIO
1: LTF_READY
2: LTF_BUSY
3: LED_ON
Others: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53