| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7343 Fiches technique(PDF) 52 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7343 Fiches technique(HTML) 52 Page - OSRAM GmbH |
|
52 / 58 page ![]() Document Feedback AS7343 Package Drawings & Markings Datasheet • PUBLIC DS001046 • v6-00 • 2023-Jun-07 57 │ 51 12 Package Drawings & Markings Figure 67: OLGA8 Package Outline Drawing (1) All dimensions are in millimeters. Angles in degrees. (2) Dimensioning and tolerance conform to ASME Y14.5M-1994. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |