| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7343 Fiches technique(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7343 Fiches technique(HTML) 8 Page - OSRAM GmbH |
|
8 / 58 page ![]() Document Feedback AS7343 Pin Assignment Datasheet • PUBLIC DS001046 • v6-00 • 2023-Jun-07 57 │ 7 Pin Number Pin Name Pin Type(1) Description 7 INT DO_OD Interrupt. Open drain output active low. Connect pull up resistor to 1.8 V. If not used leave pin unconnected. 8 SDA D_I/O Serial interface data signal line for I²C interface. Connect pull up resistor to 1.8 V. (1) Explanation of abbreviations: DI Digital Input D_I/O Digital Input/Output DO_OD Digital Output, open drain P Power pin A_I/O Analog pin |