Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7343 Fiches technique(PDF) 35 Page - OSRAM GmbH

No de pièce AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Fiches technique(HTML) 35 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 31Page - OSRAM GmbH AS7343 Datasheet HTML 32Page - OSRAM GmbH AS7343 Datasheet HTML 33Page - OSRAM GmbH AS7343 Datasheet HTML 34Page - OSRAM GmbH AS7343 Datasheet HTML 35Page - OSRAM GmbH AS7343 Datasheet HTML 36Page - OSRAM GmbH AS7343 Datasheet HTML 37Page - OSRAM GmbH AS7343 Datasheet HTML 38Page - OSRAM GmbH AS7343 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 34
10.2.4
Device Identification
The following registers provided device identification. Device ID, revision ID and auxiliary ID are read
only.
AUXID Register (Address 0x58)
Figure 36:
AUXID Register
Addr: 0x58
AUXID
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
Reserved
3:0
AUXID
0000
R
Auxiliary Identification
REVID Register (Address 0x59)
Figure 37:
REVID Register
Addr: 0x59
REVID
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
Reserved
2:0
REV_ID
000
R
Revision Number Identification
ID Register (Address 0x5A)
Figure 38:
ID Register
Addr: 0x5A
ID
Bit
Bit Name
Default
Access
Bit Description
7:0
ID
10000001
R
Part Number Identification
Value 10000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58