Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7262 Fiches technique(PDF) 45 Page - OSRAM GmbH

No de pièce AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7262 Fiches technique(HTML) 45 Page - OSRAM GmbH

Back Button AS7262 Datasheet HTML 40Page - OSRAM GmbH AS7262 Datasheet HTML 41Page - OSRAM GmbH AS7262 Datasheet HTML 42Page - OSRAM GmbH AS7262 Datasheet HTML 43Page - OSRAM GmbH AS7262 Datasheet HTML 44Page - OSRAM GmbH AS7262 Datasheet HTML 45Page - OSRAM GmbH AS7262 Datasheet HTML 46Page - OSRAM GmbH AS7262 Datasheet HTML 47Page - OSRAM GmbH AS7262 Datasheet HTML 48Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Page 44
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7262 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade, but these products have been superseded
and should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48