| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7262 Fiches technique(PDF) 4 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7262 Fiches technique(HTML) 4 Page - OSRAM GmbH |
|
4 / 48 page ![]() Datasheet, Public Page 3 [v4-00] 2022-Nov-30 Document Feedback AS7262 − Pin Assignments The device pin assignments are described below. Figure 3: Pin Diagram of AS7262 (Top View) Figure 4: Pin Description of AS7262 Pin Number Pin Name Description 1 NF Not Functional. Do not connect. 2RESN Reset, Active LOW. 3 SCK SPI Serial Clock. 4MOSI SPI Master Out Slave In. 5MISO SPI Master In Slave Out. 6CSN_EE Chip Select for external serial Flash memory, Active LOW. 7 CSN_SD Chip Select for SD Card Interface, Active LOW. 8 I²C_ENB Select UART (Low) or I²C (High) Operation. 9 NF Not Functional. Do not connect. 10 NF Not Functional. Do not connect. 11 RX/SCL_S RX (UART) or SCL_S (I²C Slave) Depending on I²C_ENB. 12 TX/SDA_S TX (UART) or SDA_S (I²C Slave) Depending on I²C_ENB. 13 INT Interrupt, Active LOW. 14 VDD2 Voltage Supply. Pin Assignments 1 5 610 11 15 16 20 |