Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7262 Fiches technique(PDF) 33 Page - OSRAM GmbH

No de pièce AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7262 Fiches technique(HTML) 33 Page - OSRAM GmbH

Back Button AS7262 Datasheet HTML 29Page - OSRAM GmbH AS7262 Datasheet HTML 30Page - OSRAM GmbH AS7262 Datasheet HTML 31Page - OSRAM GmbH AS7262 Datasheet HTML 32Page - OSRAM GmbH AS7262 Datasheet HTML 33Page - OSRAM GmbH AS7262 Datasheet HTML 34Page - OSRAM GmbH AS7262 Datasheet HTML 35Page - OSRAM GmbH AS7262 Datasheet HTML 36Page - OSRAM GmbH AS7262 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Page 32
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7262 − Detailed Description
Figure 31:
AT Commands
Command
Response
Description/Parameters
Spectral Data per Channel
ATDATA
<V_value>,
<B_value>,
<G_value>,
<Y_value>,
<O_value>,
<R_value> OK
Read V, B, G, Y, O & R data. Returns comma-separated
16-bit integers.
ATCDATA
<Cal_V_value>,
<Cal_B_value>,
<Cal_G_value>,
<Cal_Y_value>,
<Cal_O_value>,
<Cal_R_value> OK
Read calibrated V, B, G, Y, O & R data. Returns
comma-separated 32-bit floating point values.
Sensor Configuration
ATINTTIME=<value>OK
Set sensor integration time. Values should be in the range
[1..255], with integration time = <value> * 2.8ms.
ATINTTIME
<value> OK
Read sensor integration time, with
integration time = <value> * 2.8ms
ATGAIN=<value>
OK
Set sensor gain: 0=1x, 1=3.7x, 2=16x, 3=64x
ATGAIN
<value>OK
Read sensor gain setting, returning 0, 1, 2, or 3 as defined
immediately above.
ATTEMP
<value>OK
Read temperature of chip in degree Celsius.
ATTCSMD=<value>
OK
Set Sensor Mode
0 = BANK Mode 0;
1 = BANK Mode 1;
2 = BANK Mode 2;
3 = BANK Mode 3 One-Shot;
4 = Sensors OFF
In One-Shot mode, each ATTCSMD=3 command triggers a
One-Shot reading
ATTCSMD
<value> OK
Read Sensor Mode, see above.
ATBURST=<value>
OK
<value>= # of samples
(ATBURST=1 means run until ATBURST=0 is received (a
special case for continuous output).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48