Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7211 Fiches technique(PDF) 35 Page - OSRAM GmbH

No de pièce AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Fiches technique(HTML) 35 Page - OSRAM GmbH

Back Button AS7211 Datasheet HTML 29Page - OSRAM GmbH AS7211 Datasheet HTML 30Page - OSRAM GmbH AS7211 Datasheet HTML 31Page - OSRAM GmbH AS7211 Datasheet HTML 32Page - OSRAM GmbH AS7211 Datasheet HTML 33Page - OSRAM GmbH AS7211 Datasheet HTML 34Page - OSRAM GmbH AS7211 Datasheet HTML 35Page - OSRAM GmbH AS7211 Datasheet HTML 36Page - OSRAM GmbH AS7211 Datasheet HTML 37Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-23
AS7211 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37