| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7211 Fiches technique(PDF) 20 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7211 Fiches technique(HTML) 20 Page - OSRAM GmbH |
|
20 / 37 page ![]() ams Datasheet Page 19 [v1-00] 2016-Dec-23 Document Feedback AS7211 − Detailed Description I²C Protocol Figure 22: I²C Symbol Definition The above I²C symbol definition table describes the symbols used in the following Read and Write descriptions. I²C Write Access Byte Write and Page Write formats are used to write data to the slave. Figure 23: I²C Byte Write Symbol Definition RW Note S Start condition after stop R 1 bit Sr Repeated start R 1 bit SW Slave address for write R Slave address SR Slave address for read R Slave address WA Word address R 8 bit A Acknowledge W 1 bit N No Acknowledge R 1 bit Data Data/write R 8 bit Data (n) Data/read W 8 bit P Stop condition R 1 bit WA++ Slave Increment word address R During acknowledge S SW A WA Data A P A Write WA++ |