| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7211 Fiches technique(PDF) 26 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7211 Fiches technique(HTML) 26 Page - OSRAM GmbH |
|
26 / 37 page ![]() ams Datasheet Page 25 [v1-00] 2016-Dec-23 Document Feedback AS7211 − Package Drawings & Markings Figure 31: Package Drawing LGA Note(s): 1. Unless otherwise specified, all dimensions are in millimeters. 2. Tolerances: Angular (± .5°), Two Place Decimal (± .015), Three Place Decimal (± .010) 3. Contact finish is Au. 4. This package contains no lead (Pb). 5. This drawing is subject to change without notice. 6. XXXXX = tracecode Package Drawings & Markings AS7211 Green RoHS |