Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B41821 Fiches technique(PDF) 29 Page - EPCOS

No de pièce B41821
Description  Single-ended capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B41821 Fiches technique(HTML) 29 Page - EPCOS

Back Button B41821 Datasheet HTML 25Page - EPCOS B41821 Datasheet HTML 26Page - EPCOS B41821 Datasheet HTML 27Page - EPCOS B41821 Datasheet HTML 28Page - EPCOS B41821 Datasheet HTML 29Page - EPCOS B41821 Datasheet HTML 30Page - EPCOS B41821 Datasheet HTML 31Page - EPCOS B41821 Datasheet HTML 32Page - EPCOS B41821 Datasheet HTML 33Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
J leads
Last 3 digits of ordering code: 004
Suggestion for PCB hole diameter
Case size
Dimensions (mm)
d
× l (mm)
C
±0.5
E
±0.5
J
±0.2
a
±0.5
∅b
10
× 12.5
3.2
0.7
1.2
5.0
0.6
±0.05
10
× 16
3.2
0.7
1.2
5.0
0.6
±0.05
10
× 20
3.2
0.7
1.2
5.0
0.6
±0.05
12.5
× 20
3.2
0.7
1.2
5.0
0.6
±0.05
12.5
× 25
3.2
0.7
1.2
5.0
0.6
±0.05
16
× 20
3.5
0.7
1.6
7.5
0.8
±0.05
16
× 25
3.5
0.7
1.6
7.5
0.8
±0.05
16
× 31.5
3.5
0.7
1.6
7.5
0.8
±0.05
18
× 20
3.5
0.7
1.6
7.5
0.8
±0.1
18
× 25
3.5
0.7
1.6
7.5
0.8
±0.1
18
× 31.5
3.5
0.7
1.6
7.5
0.8
±0.1
18
× 35
3.5
0.7
1.6
7.5
0.8
±0.1
B41821, B43821
Standard series
85
°C
Page 29 of 36
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36