Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B41821 Fiches technique(PDF) 2 Page - EPCOS

No de pièce B41821
Description  Single-ended capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B41821 Fiches technique(HTML) 2 Page - EPCOS

  B41821 Datasheet HTML 1Page - EPCOS B41821 Datasheet HTML 2Page - EPCOS B41821 Datasheet HTML 3Page - EPCOS B41821 Datasheet HTML 4Page - EPCOS B41821 Datasheet HTML 5Page - EPCOS B41821 Datasheet HTML 6Page - EPCOS B41821 Datasheet HTML 7Page - EPCOS B41821 Datasheet HTML 8Page - EPCOS B41821 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
General-purpose grade capacitors
Applications
General-purpose applications in the entertainment industry
Semi-professional to professional application range
For filtering, coupling and pulse circuits
Features
Compact dimensions
High CV product, i.e. very compact
Good electrical characteristics
Construction
Radial leads
Charge-discharge proof, polar
Aluminum case with insulating sleeve
Minus pole marking on the insulating sleeve
Case with safety vent from diameter 6.3 mm
Delivery mode
Terminal configurations and packing:
Bulk
Taped, Ammo pack
Cut
Kinked
PAPR (protection against polarity reversal):
crimped leads, J leads, bent leads
Refer to chapter "Single-ended capacitors
Taping, packing
and lead configurations" for further details and ordering
example.
Single-ended capacitors
B41821, B43821
Standard series
85
°C
Page 2 of 36
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36