| Moteur de recherche de fiches techniques de composants électroniques |
|
B41821 Fiches technique(PDF) 26 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B41821 Fiches technique(HTML) 26 Page - EPCOS |
|
26 / 36 page ![]() Kinked or cut leads Single-ended capacitors are available with kinked or cut leads. Other lead configurations also available upon request. Kinked leads Last 3 digits of ordering code: 001 With stand-off rubber seal Case size Dimensions (mm) d × l (mm) a ±0.5 10 × 20 5.0 12.5 × 20 5.0 12.5 × 25 5.0 12.5 × 30 5.0 12.5 × 35 5.0 12.5 × 40 5.0 16 × 20 7.5 16 × 25 7.5 16 × 31.5 7.5 18 × 20 7.5 18 × 25 7.5 18 × 31.5 7.5 18 × 35 7.5 18 × 40 7.5 20 × 20 10.0 20 × 25 10.0 20 × 40 10.0 22 × 30 10.0 22 × 35 10.0 22 × 40 10.0 With flat rubber seal B41821, B43821 Standard series 85 °C Page 26 of 36 Please read Cautions and warnings and Important notes at the end of this document. |