| Moteur de recherche de fiches techniques de composants électroniques |
|
2012 Fiches technique(PDF) 16 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2012 Fiches technique(HTML) 16 Page - Christian Bürkert GmbH & Co. KG |
|
16 / 21 page ![]() Type 8652 16 | 21 Visit product website 8. Product accessories 8.1. Bürkert Communicator Software Note: The corresponding communication software can be downloaded from the website Type 8920 . The Bürkert Communicator is the most important software component of the EDIP (Efficient Device Integration Platform). Various features of this universal tool simplify the configuration and parametrisation of devices equipped with a digital CANopen-based interface. With this tool, the user has a complete overview of cyclic process values as well as acyclic diagnostic data. The integrated graphical programming environment enables the creation of decentralised sub-system control functions. The connection to the PC is established with a USB-CAN adapter. The adapter is available as an accessory (see “9.6. Ordering chart accessories” on page 21 ). The Bürkert Communicator enables: • Configuration, parametrisation and diagnosis of EDIP devices / networks • Easy and comfortable mapping of cyclic values • Graphical display of process values • Firmware update for the connected EDIP devices • Backup and restoring of device configurations |