| Moteur de recherche de fiches techniques de composants électroniques |
|
2012 Fiches technique(PDF) 11 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2012 Fiches technique(HTML) 11 Page - Christian Bürkert GmbH & Co. KG |
|
11 / 21 page ![]() Type 8652 11 | 21 Visit product website 6. Product installation 6.1. Installation notes Installation situation of the valve terminal inside the control cabinet To use the Hot Swap function, always observe a minimum distance to the front edge of the control cabinet when installing the valve island inside the control cabinet. Please also refer to the detailed description in the operating instructions Type 8652 . Z max. 19.5 min. 60.5 Mounting plate Distance from the control cabinet rear wall to the mounting plate |