| Moteur de recherche de fiches techniques de composants électroniques |
|
2012 Fiches technique(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2012 Fiches technique(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 21 page ![]() Visit product website DATA SHEET Type ME43 Fieldbus gateway Type 2012 Pneumatically operated 2/2-way globe valve CLASSIC Type 8695 Control head for decen- tralised automation of ELEMENT process valves Type 8920 Bürkert Communicator Type 8653 AirLINE Field – the valve island optimised for process automation Type 8614 Pneumatic control cabinet solutions for hygienic process environments Type SV04 Spare part sets for Type 8652 Standard | EU | en | 2023 - 10 - 02 | 13 AirLINE – the valve island optimised for process automation • Safety-related shut-off of valves possible • Easy diagnostics via LC display • Process reliability through pneumatic functions • Optimised for installation at the bottom of the control cabinet • EX-Versions: ATEX / IECEx Zone 2, cURus Haz. Loc. CL I, II, III Div 2 The valve island Type 8652 AirLINE has been especially developed for process automation requirements. New diagnostic functions can be visualised on the LC display, both in clear text as well as symbols. This makes it easy to relate to the shown messages and helps to save time during start-up and maintenance. Furthermore, the diagnostic message is also available at the controller. This, there- fore, enables a fast overview of the plant status. The hardware is optimised for installation at the bottom of the control cabinet. Installation on a standard rail is, of course, also possible. Moreover, key pneumatic functions ensure increased process reliability. For instance, check valves in the exhaust air ducts make sure there is no unplanned actuation due to pressure peaks. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 8652 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Numéro de pièce similaire - 2012 |
|
Description similaire - 2012 |