Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS6445 Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce ADS6445
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6445 Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button ADS6445 Datasheet HTML 59Page - STMicroelectronics ADS6445 Datasheet HTML 60Page - STMicroelectronics ADS6445 Datasheet HTML 61Page - STMicroelectronics ADS6445 Datasheet HTML 62Page - STMicroelectronics ADS6445 Datasheet HTML 63Page - STMicroelectronics ADS6445 Datasheet HTML 64Page - STMicroelectronics ADS6445 Datasheet HTML 65Page - STMicroelectronics ADS6445 Datasheet HTML 66Page - STMicroelectronics ADS6445 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
www.ti.com
C001
C002
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Figure 97. LVDS Data Eye Diagram with 5-pF Load Capacitance (No Internal Termination)
Figure 98. LVDS Data Eye Diagram with 10-pF Load Capacitance (100
Ω Internal Termination)
63
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75