Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W13NK100Z Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce W13NK100Z
Description  N-channel 1000V - 0.56??- 13A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W13NK100Z Fiches technique(HTML) 3 Page - STMicroelectronics

  W13NK100Z Datasheet HTML 1Page - STMicroelectronics W13NK100Z Datasheet HTML 2Page - STMicroelectronics W13NK100Z Datasheet HTML 3Page - STMicroelectronics W13NK100Z Datasheet HTML 4Page - STMicroelectronics W13NK100Z Datasheet HTML 5Page - STMicroelectronics W13NK100Z Datasheet HTML 6Page - STMicroelectronics W13NK100Z Datasheet HTML 7Page - STMicroelectronics W13NK100Z Datasheet HTML 8Page - STMicroelectronics W13NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STW13NK100Z
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
1000
V
VDGR
Drain-gate voltage (RGS = 20KΩ)
1000
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
13
A
ID
Drain current (continuous) at TC=100°C
8.2
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
52
A
PTOT
Total dissipation at TC = 25°C
350
W
Derating Factor
2.7
W/°C
VESD (G-S)
Gate source ESD(HBM-C=100pF, R=1,5K
Ω)
6000
V
dv/dt(2)
2.
ISD ≤8.3 A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
4
V/ns
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case Max
0.36
°C/W
Rthj-a
Thermal resistance junction-ambient Max
50
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
13
A
EAS
Single pulse avalanche energy
(starting Tj=25°C, Id=Iar, Vdd=50V)
700
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com