Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W13NK100Z Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce W13NK100Z
Description  N-channel 1000V - 0.56??- 13A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W13NK100Z Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button W13NK100Z Datasheet HTML 6Page - STMicroelectronics W13NK100Z Datasheet HTML 7Page - STMicroelectronics W13NK100Z Datasheet HTML 8Page - STMicroelectronics W13NK100Z Datasheet HTML 9Page - STMicroelectronics W13NK100Z Datasheet HTML 10Page - STMicroelectronics W13NK100Z Datasheet HTML 11Page - STMicroelectronics W13NK100Z Datasheet HTML 12Page - STMicroelectronics W13NK100Z Datasheet HTML 13Page - STMicroelectronics W13NK100Z Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STW13NK100Z
Revision history
13/14
5
Revision history
Table 8.
Revision history
Date
Revision
Changes
22-Jun-2004
1
Target document
09-Sep-2004
2
Preliminary document
28-Jan-2005
3
Complete version with curves
18-Sep-2005
4
Figure 12 changed
01-Aug-2006
5
New template, no content change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com