Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W13NK100Z Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce W13NK100Z
Description  N-channel 1000V - 0.56??- 13A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W13NK100Z Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button W13NK100Z Datasheet HTML 2Page - STMicroelectronics W13NK100Z Datasheet HTML 3Page - STMicroelectronics W13NK100Z Datasheet HTML 4Page - STMicroelectronics W13NK100Z Datasheet HTML 5Page - STMicroelectronics W13NK100Z Datasheet HTML 6Page - STMicroelectronics W13NK100Z Datasheet HTML 7Page - STMicroelectronics W13NK100Z Datasheet HTML 8Page - STMicroelectronics W13NK100Z Datasheet HTML 9Page - STMicroelectronics W13NK100Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STW13NK100Z
6/14
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
13
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
52
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD=8.3A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=13 A,
di/dt = 100A/µs,
VDD=100 V, Tj=25°C
(see Figure 18)
820
12.7
31
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=13 A,
di/dt = 100A/µs,
VDD=100V, Tj=150°C
(see Figure 18)
1050
17.8
34
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com