Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AVR32AP Fiches technique(PDF) 43 Page - ATMEL Corporation

No de pièce AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Fiches technique(HTML) 43 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 39Page - ATMEL Corporation AVR32AP Datasheet HTML 40Page - ATMEL Corporation AVR32AP Datasheet HTML 41Page - ATMEL Corporation AVR32AP Datasheet HTML 42Page - ATMEL Corporation AVR32AP Datasheet HTML 43Page - ATMEL Corporation AVR32AP Datasheet HTML 44Page - ATMEL Corporation AVR32AP Datasheet HTML 45Page - ATMEL Corporation AVR32AP Datasheet HTML 46Page - ATMEL Corporation AVR32AP Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 181 page
background image
43
32001A–AVR32–06/06
AVR32
3.11.1.23
DTLB Write Protection Exception
The DTLB Protection exception is generated when the data memory write violates the access
rights specified by the protection bits of the addressed virtual page.
RSR_EX = SR;
RAR_EX = PC;
TLBEAR = FAILING_VIRTUAL_ADDRESS;
TLBEHI[VPN] = FAILING_PAGE_NUMBER;
TLBEHI[I] = 0;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’110;
SR[EM] = 1;
SR[GM] = 1;
PC = EVBA | 0x40;
3.11.1.24
Privilege Violation Exception
If the application tries to execute privileged instructions, this exception is issued. The complete
list of priveleged instructions is shown in Table 3-3. When entering the exception routine, the
address of the instruction that caused the exception is stored as yhe stacked return address.
RSR_EX = SR;
RAR_EX = PC;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’110;
SR[EM] = 1;
SR[GM] = 1;
PC = EVBA | 0x28;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More