Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8579 Fiches technique(PDF) 20 Page - NXP Semiconductors

No de pièce PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8579 Fiches technique(HTML) 20 Page - NXP Semiconductors

Back Button PCF8579 Datasheet HTML 16Page - NXP Semiconductors PCF8579 Datasheet HTML 17Page - NXP Semiconductors PCF8579 Datasheet HTML 18Page - NXP Semiconductors PCF8579 Datasheet HTML 19Page - NXP Semiconductors PCF8579 Datasheet HTML 20Page - NXP Semiconductors PCF8579 Datasheet HTML 21Page - NXP Semiconductors PCF8579 Datasheet HTML 22Page - NXP Semiconductors PCF8579 Datasheet HTML 23Page - NXP Semiconductors PCF8579 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
1997 Apr 01
20
Philips Semiconductors
Product specification
LCD column driver for dot matrix graphic
displays
PCF8579
Table 4 Set mode option 1
Table 5 Set mode option 2
Table 6 Set mode option 3
Table 7 Set start bank option 1
LCD DRIVE MODE
BITS
M1
M0
1 : 8
MUX ( 8 rows)
0
1
1 : 16
MUX (16 rows)
1
0
1 : 24
MUX (24 rows)
1
1
1 : 32
MUX (32 rows)
0
0
DISPLAY STATUS
BITS
E1
E0
Blank
0
0
Normal
0
1
All segments on
1
0
Inverse video
1
1
SYSTEM TYPE
BIT T
PCF8578 row only
0
PCF8578 mixed mode
1
START BANK POINTER
BITS
B1
B0
Bank 0
0
0
Bank 1
0
1
Bank 2
1
0
Bank 3
1
1
Table 8 Device select option 1
Table 9 RAM access option 1
Note
1. See opcode for SET START BANK in Table 3.
Table 10 RAM access option 2
Table 11 Load X-address option 1
DESCRIPTION
BITS
Decimal value of 0 to 15
A3
A2
A1
A0
RAM ACCESS MODE
BITS
G1
G0
Character
0
0
Half-graphic
0
1
Full-graphic
1
0
Not allowed (note 1)
1
1
DESCRIPTION
BITS
Decimal value of 0 to 3
Y1
Y0
DESCRIPTION
BITS
Decimal value of 0 to 39
X5 X4 X3 X2 X1 X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40