| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8579 Fiches technique(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8579 Fiches technique(HTML) 19 Page - NXP Semiconductors |
|
19 / 40 page ![]() 1997 Apr 01 19 Philips Semiconductors Product specification LCD column driver for dot matrix graphic displays PCF8579 Table 3 Definition of PCF8578/PCF8579 commands COMMAND OPCODE OPTIONS DESCRIPTION SET MODE C 1 0 T E1 E0 M1 M0 see Table 4 defines LCD drive mode see Table 5 defines display status see Table 6 defines system type SET START BANK C 11111B1 B0 see Table 7 defines pointer to RAM bank corresponding to the top of the LCD; useful for scrolling, pseudo motion and background preparation of new display DEVICE SELECT C 110A3 A2 A1 A0 see Table 8 four bits of immediate data, bits A0 to A3, are transferred to the subaddress counter to define one of sixteen hardware subaddresses RAM ACCESS C 111G1 G0 Y1 Y0 see Table 9 defines the auto-increment behaviour of the address for RAM access see Table 10 two bits of immediate data, bits Y0 to Y1, are transferred to the X-address pointer to define one of forty display RAM columns LOAD X-ADDRESS C 0 X5 X4 X3 X2 X1 X0 see Table 11 six bits of immediate data, bits X0 to X5, are transferred to the X-address pointer to define one of forty display RAM columns |