| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8535 Fiches technique(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8535 Fiches technique(HTML) 28 Page - NXP Semiconductors |
|
28 / 52 page ![]() 1999 Aug 24 28 Philips Semiconductors Objective specification 65 × 133 pixel matrix driver PCF8535 Table 17 Description of the symbols used in Table 16 Note 1. Conditional on other bits. Table 18 Priority behaviour of bits PD, DOF, HVE and DM; note 1 Note 1. X = don’t care state. BIT 0 1 PD chip is active chip is in power-down mode V horizontal addressing vertical addressing HVE voltage multiplier disabled voltage multiplier enabled PRS VLCD programming range LOW VLCD programming range HIGH SM no measurement start measurement MX no X mirror mirror X MY no Y mirror mirror Y TRS top row swap inactive top row swap active BRS bottom row swap inactive bottom row swap active EC internal oscillator enabled; OSC pad ignored internal oscillator disabled; OSC pad enabled for input DM(1) direct mode disabled direct mode enabled DOF(1) display off mode disabled display off mode enabled IB low current mode for smaller displays high current mode for larger displays PD DOF HVE DM MODE 1 X X X chip is in power-down mode as defined under PD 0 1 X X all analog blocks except those required for temperature measurement are off 0 0 1 X chip is active and using the internal VLCD generator 0001 chip is active and using VDD as VLCD 0000 chip is active and using an external VLCD generator attached to VLCDIN |