Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8535 Fiches technique(PDF) 19 Page - NXP Semiconductors

No de pièce PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Fiches technique(HTML) 19 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 15Page - NXP Semiconductors PCF8535 Datasheet HTML 16Page - NXP Semiconductors PCF8535 Datasheet HTML 17Page - NXP Semiconductors PCF8535 Datasheet HTML 18Page - NXP Semiconductors PCF8535 Datasheet HTML 19Page - NXP Semiconductors PCF8535 Datasheet HTML 20Page - NXP Semiconductors PCF8535 Datasheet HTML 21Page - NXP Semiconductors PCF8535 Datasheet HTML 22Page - NXP Semiconductors PCF8535 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
1999 Aug 24
19
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
7.15.1.3
Horizontal addressing: non-mirrored; V = 0 and MX = 0
In horizontal addressing mode data is written from left to right and top to bottom. Here, the X counter will auto-increment
from 0 to 127, set the XM0, then count 0 to 4 before wrapping around to 0 and clearing the XM0 bit (see Fig.10). On each
wrap-over, the Y counter will increment. The last address accessible is Y = 7, X = 4 and XM0 = 1; after this access the
counter will wrap around to Y = 0, X = 0 and XM0 =0.
handbook, full pagewidth
MGS677
byte number
byte order for
icon data
0
XM0 = 1
XM0 = 0
1
2
3
4
5
6
7
8
.. ..
.. ..
X address
icon data
Fig.10 Sequence of writing data bytes into the RAM with normal horizontal addressing (V = 0 and MX = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52